Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD122 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD122 Datasheet HTML 1Page - ON Semiconductor MJD122 Datasheet HTML 2Page - ON Semiconductor MJD122 Datasheet HTML 3Page - ON Semiconductor MJD122 Datasheet HTML 4Page - ON Semiconductor MJD122 Datasheet HTML 5Page - ON Semiconductor MJD122 Datasheet HTML 6Page - ON Semiconductor MJD122 Datasheet HTML 7Page - ON Semiconductor MJD122 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJD122, NJVMJD122 (NPN), MJD127, NJVMJD127 (PNP)
www.onsemi.com
4
IC, COLLECTOR CURRENT (AMP)
500
0.2
5000
2000
10,000
0.1
0.7
3000
0.5
1
20,000
1000
23
5
3
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5
1
7
35
2
1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
0.2
3
0.1
0.7
0.3
1
5
10
20 30
200
300
0.3
7
10
0.7
0.5
7
2
10
PNP MJD127
NPN MJD122
IC, COLLECTOR CURRENT (AMP)
500
0.2
5000
2000
10,000
VCE = 4 V
TJ = 150°C
7000
0.1
0.7
25
°C
-55
°C
3000
0.5
1
20,000
700
1000
23
5
3
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5
1
7
35
4 A
IC = 2 A
2
TJ = 25°C
1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 4 V
VCE(sat) @ IC/IB = 250
0.2
3
0.1
0.7
0.3
1
5
10
20
30
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
Figure 4. “On” Voltages
200
300
0.3
7
10
0.7
0.5
7
2
10
6 A
VCE = 4 V
TJ = 150°C
25
°C
-55
°C
TJ = 25°C
4 A
IC = 2 A
6 A
TJ = 25°C
VBE @ VCE = 4 V
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TYPICAL ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com