Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR522EB Datasheet(PDF) 2 Page - Rohm

Part # 2SAR522EB
Description  PNP -200mA -20V General purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR522EB Datasheet(HTML) 2 Page - Rohm

  2SAR522EB Datasheet HTML 1Page - Rohm 2SAR522EB Datasheet HTML 2Page - Rohm 2SAR522EB Datasheet HTML 3Page - Rohm 2SAR522EB Datasheet HTML 4Page - Rohm 2SAR522EB Datasheet HTML 5Page - Rohm 2SAR522EB Datasheet HTML 6Page - Rohm 2SAR522EB Datasheet HTML 7Page - Rohm 2SAR522EB Datasheet HTML 8Page - Rohm 2SAR522EB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2SAR522M / 2SAR522EB / 2SAR522UB
     
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-20
V
Collector-emitter voltage
VCEO
-20
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-200
mA
ICP*1
-400
mA
Power dissipation
2SAR522M
PD*2
150
mW
2SAR522EB
150
2SAR522UB
200
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -50μA
-20
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-20
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -50μA
-5
-
-
V
Collector cut-off current
ICBO
VCB = -20V
-
-
-100
nA
Emitter cut-off current
IEBO
VEB = -5V
-
-
-100
nA
Collector-emitter saturation voltage
VCE(sat) IC = -100mA, IB = -10mA
-
-120
-300
mV
DC current gain
hFE
VCE = -2V, IC = -1mA
120
-
560
-
Transition frequency
fT
VCE = -10V, IE = 10mA,
f = 100MHz
-
350
-
MHz
Output capacitance
Cob
VCB = -10V, IE = 0A,
f = 1MHz
-
3.0
-
pF
*1 Pw=10ms Single Pulse
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/8
20151127 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com