Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR522EB Datasheet(PDF) 1 Page - Rohm

Part # 2SAR522EB
Description  PNP -200mA -20V General purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR522EB Datasheet(HTML) 1 Page - Rohm

  2SAR522EB Datasheet HTML 1Page - Rohm 2SAR522EB Datasheet HTML 2Page - Rohm 2SAR522EB Datasheet HTML 3Page - Rohm 2SAR522EB Datasheet HTML 4Page - Rohm 2SAR522EB Datasheet HTML 5Page - Rohm 2SAR522EB Datasheet HTML 6Page - Rohm 2SAR522EB Datasheet HTML 7Page - Rohm 2SAR522EB Datasheet HTML 8Page - Rohm 2SAR522EB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2SAR522M / 2SAR522EB / 2SAR522UB
PNP -200mA -20V General purpose transistor
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCEO
-20V
 
 
 
 
IC
-200mA
2SAR522M
2SAR522EB
(VMT3)
(EMT3F)
SOT-323FL
                     
 
 
 
 
 
 
2SAR522UB
 
(UMT3F)
 
                     
l
lFeatures
l
lInner circuit
1) General Purpose.
2) Complementary NPN Types:
 2SCR522M (VMT3) / 2SCR522EB (EMT3F) /
 2SCR522UB (UMT3F)
l
lApplication
GENERAL PURPOSE SMALL SIGNAL AMPLIFIER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SAR522M
SOT-723
(VMT3)
1212
T2L
180
8
8000
PC
2SAR522EB
SOT-416FL
(EMT3F)
1616
TL
180
8
3000
PC
2SAR522UB
SOT-323FL
(UMT3F)
2021
TL
180
8
3000
PC
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1 / 8
20151127 - Rev.002


Similar Part No. - 2SAR522EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR522EB ROHM-2SAR522EB Datasheet
172Kb / 3P
General purpose transistor(-20V,-0.2A)
More results

Similar Description - 2SAR522EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
logo
Rohm
2SAR522M ROHM-2SAR522M Datasheet
172Kb / 3P
General purpose transistor(-20V,-0.2A)
2SCR522M ROHM-2SCR522M Datasheet
172Kb / 3P
General purpose transistor(20V,0.2A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com