Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR562F3 Datasheet(PDF) 2 Page - Rohm

Part # 2SCR562F3
Description  NPN 6A 30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR562F3 Datasheet(HTML) 2 Page - Rohm

  2SCR562F3 Datasheet HTML 1Page - Rohm 2SCR562F3 Datasheet HTML 2Page - Rohm 2SCR562F3 Datasheet HTML 3Page - Rohm 2SCR562F3 Datasheet HTML 4Page - Rohm 2SCR562F3 Datasheet HTML 5Page - Rohm 2SCR562F3 Datasheet HTML 6Page - Rohm 2SCR562F3 Datasheet HTML 7Page - Rohm 2SCR562F3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR562F3
lAbsolute maximum ratings (Ta = 25°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
DC
Pulsed
Base Current
Junction temperature
Range of storage temperature
*1 Pw=1ms , single pulse
*2 Mounted on an FR4 board (25.4×25.4×1.6mm , 645mm
2 Cu PAD)
*3 Pw=10s , Mounted on an FR4 board (25.4×25.4×1.6mm , 645mm
2 Cu PAD)
lElectrical characteristics (Ta = 25°C)
VCEO
30
V
VEBO
6
V
Parameter
Symbol
Values
Unit
VCBO
30
V
Power dissipation
PD
*2
1.0
W
PD
*3
2.1
W
Collector current
IC
6.0
A
ICP
*1
7.0
A
Tj
150
°C
Tstg
-55 to +150
°C
IB
0.6
A
Unit
Collector-emitter
breakdown voltage
BVCEO
IC = 1mA
30
-
-
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
V
Emitter-base
breakdown voltage
BVEBO
IE = 100mA
6
-
-
V
Collector-base
breakdown voltage
BVCBO
IC = 100mA
30
-
-
mA
Emitter cut-off current
IEBO
VEB = 4V
-
-
0.5
mA
Collector cut-off current
ICBO
VCB = 20V
-
-
0.5
Collector-emitter
saturation voltage
VCE(sat)
IC = 3A, IB = 60mA
-
120
180
mV
V
DC current gain
hFE
VCE = 2V, IC = 500mA
200
-
500
-
Base-emitter
saturation voltage
VBE(sat)
IC = 3A, IB = 60mA
-
0.9
1.2
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A
f = 1MHz
-
40
-
pF
Transition frequency
fT
VCE = 10V, IE = -500mA
f=100MHZ
-
270
-
2/6
2013.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com