Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR562F3 Datasheet (PDF) - Rohm

Part # 2SCR562F3
Description  NPN 6A 30V Middle Power Transistor
File Size   360.93 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR562F3 Datasheet (PDF) - Rohm



Similar Part No. - 2SCR562F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results


Similar Description - 2SCR562F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
Pch -30V -6A Middle Power MOSFET
RF4E060AJ ROHM-RF4E060AJ Datasheet
2Mb / 14P
Nch 30V 6A Middle Power MOSFET
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
PNP -6A -30V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
NPN 3.0A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
NPN 2.0A 30V Middle Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com