Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002GEFL/RV Datasheet(PDF) 6 Page - TDK Electronics

Part # WM2002GEFL/RV
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002GEFL/RV Datasheet(HTML) 6 Page - TDK Electronics

Back Button WM2002GEFL/RV Datasheet HTML 2Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 3Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 4Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 5Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 6Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 7Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 8Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 9Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
WM2002
Product Brief
w
Product Brief, September 2013, Rev 4.1
6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
DC Boost converter input
(see Note 5)
BATTVDD
0.9
1.6
V
Digital buffer supply
DBVDD
1.4
2.5
V
MICBIAS supply
(see Note 4)
MICVDD
2.3
2.8
3.6
V
Digital core supply (LDO1)
LDO1VDD
1.2
3.3
V
System supply
(LDO2, LDO3 and LDO4)
SYSVDD
2.1
2.1
3.3
V
OTP Memory programming
supply (see Note 3)
PROGVDD
6.25
6.5
6.75
V
Ground
DGND, AGND, CPGND,
HPGND
0
V
Notes:
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All supplies are completely independent from each other (i.e. not internally connected).
3.
The OTP Memory programming supply (PROGVDD) should only be present when programming the OTP. At other
times, this pin should be tied to DGND.
4.
MICVDD must be at least 300mV higher than the selected MICBIAS output voltage.
5.
When the Charge Pump is enabled, the maximum BATTVDD voltage will depend on the programmable voltage
DC1VOUT. The combined voltage BATTVDD + DC1VOUT must not exceed 3.6V.
TYPICAL APPLICATIONS
A typical application circuit is illustrated in Figure 1, showing the line inputs, ANC microphone inputs,
and stereo headphone output.
Figure 1 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com