Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002GEFL/RV Datasheet(PDF) 7 Page - TDK Electronics

Part # WM2002GEFL/RV
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002GEFL/RV Datasheet(HTML) 7 Page - TDK Electronics

Back Button WM2002GEFL/RV Datasheet HTML 3Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 4Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 5Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 6Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 7Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 8Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 9Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 10Page - TDK Electronics WM2002GEFL/RV Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Brief
WM2002
w
Product Brief, September 2013, Rev 4.1
7
WOLFSON AMBIENT NOISE CANCELLATION (ANC)
The Wolfson (ANC) engine within the WM2002 improves the intelligibility of a voice call by using
destructive interference to reduce the acoustic energy of the ambient sound.
The ANC engine is configured using parameters that are determined during product development and
programmed on integrated OTP memory. The configuration settings are specific to the acoustic
properties of the target application. The primary acoustic elements in an application are typically the
microphones and the speaker, but other components such as the plastics and the PCBs also have
significant importance to the acoustic coefficient data.
Note that the WM2002 configuration parameters are determined during development and are
programmed in the OTP memory during production calibration. These parameters are application-
specific, and must be recalculated following any change in the design of the acoustic elements of that
application. Any mismatch between the acoustic coefficient data and the target application will give
inferior ANC performance.
The ANC engine employs digital circuits to process the ambient noise (microphone) signals; these
inputs are digitized by two Analogue to Digital Converters (ADCs), then filtered and processed in
accordance with the acoustic parameters programmed into the WM2002. The noise cancellation
signals are then output via two Digital to Analogue Converters (DACs) and mixed with the received
voice or audio playback (line) signals.
The ANC engine can support multiple noise cancellation filter coefficients, to enable best
performance under different ambient noise conditions and different audio playback conditions. Other
user-selectable options are also available, such as mute or talk-through modes.
A high pass filter provides rejection of wind noise and other low frequency signals .Noise cancellation
is applied selectively to different audio frequency bands. A configurable low frequency limiter protects
the loudspeaker from excessive signal levels, and ensures that the ANC algorithms deliver noise
reduction in the most sensitive frequency bands, without introducing distortion in other frequency
bands.
The ANC engine is adaptive to different ambient noise levels in order to provide the most natural
sound at the headphone audio output. The integrated noise gate automatically mutes the noise
cancelling input at low ambient noise levels; this ensures that the noise cancellation performance is
optimised across a wide range of input signal conditions. The noise gate threshold level, attack time
and decay time are all configurable.
The various functions of ANC engine, as described above, combine to form a comprehensive, stand-
alone noise-cancelling product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com