Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281 Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 87Page - Cirrus Logic WM8281 Datasheet HTML 88Page - Cirrus Logic WM8281 Datasheet HTML 89Page - Cirrus Logic WM8281 Datasheet HTML 90Page - Cirrus Logic WM8281 Datasheet HTML 91Page - Cirrus Logic WM8281 Datasheet HTML 92Page - Cirrus Logic WM8281 Datasheet HTML 93Page - Cirrus Logic WM8281 Datasheet HTML 94Page - Cirrus Logic WM8281 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 392 page
background image
WM8281
Rev 4.0
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3788
(0ECCh)
HPLPF4_
1
1
LHPF4_MODE
0
Low/High Pass Filter 4 Mode
0 = Low-Pass
1 = High-Pass
0
LHPF4_ENA
0
Low/High Pass Filter 4 Enable
0 = Disabled
1 = Enabled
R3789
(0ECDh)
HPLPF4_
2
15:0
LHPF4_COEFF
[15:0]
0000h
Low/High Pass Filter 4 Frequency
Coefficient
Refer to WISCE evaluation board control
software for the deriviation of this field
value.
Table 17 Low Pass Filter / High Pass Filter Control
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded LHPF and digital mixing functions. If an attempt is made to enable an LHPF
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error can be monitored us
ing the GPIO and/or Interrupt functions. See “General
Purpose Input / Output
” and “Interrupts” for further details.
The FX_STS field in Register R3585 indicates the status of each of the EQ, DRC and LHPF signal
paths. If an Underclocked Error condition occurs, then this register provides readback of which EQ,
DRC or LHPF signal path(s) have been successfully enabled.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com