Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8281
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8281 Datasheet HTML 17Page - Cirrus Logic WM8281 Datasheet HTML 18Page - Cirrus Logic WM8281 Datasheet HTML 19Page - Cirrus Logic WM8281 Datasheet HTML 20Page - Cirrus Logic WM8281 Datasheet HTML 21Page - Cirrus Logic WM8281 Datasheet HTML 22Page - Cirrus Logic WM8281 Datasheet HTML 23Page - Cirrus Logic WM8281 Datasheet HTML 24Page - Cirrus Logic WM8281 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 392 page
background image
WM8281
Rev 4.0
21
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Speaker Output (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN; Load = 8
, 22µH, BTL)
Maximum output power
PO
SPKVDD = 5.0V,
1% THD+N
1.4
W
SPKVDD = 4.2V,
1% THD+N
1.0
SPKVDD = 3.6V,
1% THD+N
0.7
Signal to Noise Ratio
SNR
A-weighted,
Output signal = 2.83Vrms
85
95
dB
Total Harmonic Distortion
THD
PO = 1.0W
-40
dB
Total Harmonic Distortion + Noise
THD+N
PO = 1.0W
-40
dB
Total Harmonic Distortion
THD
PO = 0.5W
-70
-59
dB
Total Harmonic Distortion + Noise
THD+N
PO = 0.5W
-69
dB
Channel separation (Left/Right)
80
dB
Output noise floor
A-weighted
51.2
177
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
76
dB
100mV (peak-peak) 10kHz
68
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
72
dB
100mV (peak-peak) 10kHz
55
DAC to Speaker Output (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN; Load = 4
, 15µH, BTL)
Maximum output power
PO
SPKVDD = 5.0V,
1% THD+N
2.5
W
SPKVDD = 4.2V,
1% THD+N
1.8
SPKVDD = 3.6V,
1% THD+N
1.3
Signal to Noise Ratio
SNR
A-weighted,
Output signal = 2.83Vrms
95
dB
Total Harmonic Distortion
THD
PO = 1.0W
-70
dB
Total Harmonic Distortion + Noise
THD+N
PO = 1.0W
-69
dB
Total Harmonic Distortion
THD
PO = 0.5W
-69
dB
Total Harmonic Distortion + Noise
THD+N
PO = 0.5W
-68
dB
Channel separation (Left/Right)
80
dB
Output noise floor
A-weighted
51.2
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
76
dB
100mV (peak-peak) 10kHz
68
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
72
dB
100mV (peak-peak) 10kHz
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com