Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5819-R Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 1N5819-R
Description  Axial Lead Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5819-R Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N5819-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5819-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5819-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N5819-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Axial Lead Schottky Diode
Rev. V1
1N5819
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
DC Power Dissipation
1.25 W
Infinite heat sink, TC = +25°C
Derate power linearity from 1.25 W @ +25°C to 0 W @ +125°C
Average Rectified Forward Current
1 A
Reverse DC Voltage
30 V
Junction Temperature
+125°C
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Assembly Temperature
+260°C, t = 10 sec.
1. Exceeding any one or combination of these limits may cause permanent damage to this device.
2. MACOM does not recommend sustained operation near these survivability limits.
Hermetically Sealed Glass, DO-7
Lead Material: copper clad steel
Lead Finish: tin/lead
Marking: part number and cathode band
Weight: 0.2 grams
Polarity: diode to be operated with the cathode band end negative
Mounting Position: any



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com