Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5819-R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 1N5819-R
Description  Axial Lead Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5819-R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N5819-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5819-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5819-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N5819-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Axial Lead Schottky Diode
Rev. V1
1N5819
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Forward Voltage: 550 mV @ IF = 1 A
 High Reverse Breakdown Voltage: 30 V
 Hermetically Sealed Glass, DO-7
 Flexible Axial-lead Mounting Terminals
 RoHS* Compliant
Description
The 1N5819 silicon Schottky diode offers a large
reverse breakdown voltage with low forward voltage.
The die, which is passivated with an advanced
high-reliability passivation for very fast settling time
and low leakage current, is packaged in the industry
standard DO-7 hermetically sealed axial leaded
glass package.
This rugged device is capable of reliable operation in
all military, commercial and industrial applications.
The 1N5819 is designed to be used in wide variety
of applications, such as in high frequency rectifiers,
reverse polarity protection and more.
* Restrictions on Hazardous Substances,
European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Hermetically Sealed Glass, DO-7
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reverse Breakdown Voltage (VB)
IR = 10 µA
V
30
—
—
Reverse Leakage Current (IR)
VR = 30 V, TA = +25°C
VR = 30 V, TA = +100°C
µA
mA
—
—
500
10
Forward Voltage (VF)
IF = 1 A
mV
—
550
—
Total Capacitance (CT4)
VR = 4 V, 1 MHz
pF
—
110
—
Ordering Information1,2
Part Number
Package
1N5819-R
3000 piece reel
1N5819-B
100 piece bulk in bag
1N5819-FP
50 piece per flat pack
Static and Moisture Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these HBM Class 0
devices. The moisture sensitivity level is MSL 1.
Environmental Capabilities
These electronic devices are capable of meeting the
environmental requirements of MIL-STD-750 and
MIL-STD-883.


Similar Part No. - 1N5819-R

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
59Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
1N5819-1 MICROSEMI-1N5819-1 Datasheet
434Kb / 6P
1 Amp Schottky Barrier Rectifiers
Rev. 1
logo
Nanjing International G...
1N5819-1A-DO-41 DGNJDZ-1N5819-1A-DO-41 Datasheet
206Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1_08 Datasheet
59Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results

Similar Description - 1N5819-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
Axial Lead Schottky Power Rectifiers
logo
Sensitron
SS5819-1 SENSITRON-SS5819-1 Datasheet
55Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
Weitron Technology
SR220 WEITRON-SR220 Datasheet
231Kb / 3P
Axial Lead Schottky Barrier Rectifiers
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1_08 Datasheet
59Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
Axial Lead Schottky Rectifiers
logo
New Jersey Semi-Conduct...
MR820 NJSEMI-MR820 Datasheet
96Kb / 1P
Axial lead diode
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
Axial Lead Schottky Rectifiers
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com