Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0059 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0059
Description  Twelve different part numbers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0059 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0059 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
75 Ω CATV Transformer Designers’ Kit
Rev. V3
MABA-000001-75KIT1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Kit Contents
Twelve different part numbers
Ten of each part, 120 pieces total
CD-ROM containing datasheets, S-parameters
and application notes
Refer to datasheets for pin-out, phasing and dimension details
1
2
3
4
5
6
Configuration Schematics
Ordering Information
Part Number
Description
MABA-000001-75KIT1
75 Ω Transformer
Designers’ Kit
Frequency
MHz
Part Number
Description
Impedance
Ratio
Insertion
Loss dB,
Typ.
Amp
Balance dB,
Typ.
Return
Loss dB,
Typ.
SMT
Package
Config.
5-90
MABA-010181
Flux coupled
9:1
1.3
0.1
16.0
FR4
1
5-100
MABA-009573
Flux coupled
1.77:1
0.3
0.01
27.0
FR4
1
5-100
MABA-010061
T line
4:1
1.2
0.01
19.0
Plastic
1
5-100
MABA-009776
Flux coupled
2:1
0.4
0.1
22.0
FR4
2
5-200
MABA-007532
DOCSIS 3.0
Flux coupled
1:1
0.7
0.2
17
Plastic
1
5-200
MABA-009836
Flux coupled
4:1
0.4
0.02
22
Plastic
1
50-1002
MABA-010245
T line
1:1
0.1
0.3
42
Ceramic
3
5-1200
MABA-007681
T line balun
2:1
0.35
0.10
25
FR4
6
5-1200
MABA-010129
T line
1:4
0.5
0.05
25
Plastic
5
50-1200
MABA-009210
T line
1:1
0.63
0.2
11
FR4
4
4.5-3000
MABACT0059
T line
1:1
0.8
0.3
26
Ceramic
3
5-3000
MABA-007871
MoCA, T
line
1:1
2.5
.05
6
FR4
3


Similar Part No. - MABACT0059

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0059 MA-COM-MABACT0059 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results

Similar Description - MABACT0059

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS92 HITACHI-HD74LS92 Datasheet
85Kb / 7P
Divide-by-Twelve Counters
logo
Texas Instruments
74LS92 TI-74LS92 Datasheet
278Kb / 3P
DIVIDE-BY-TWELVE COUNTER
logo
Freescale Semiconductor...
MKL25Z32VFM4 FREESCALE-MKL25Z32VFM4 Datasheet
1Mb / 53P
Part numbers for the chip have fields that identify the specific part.
MKL14Z32VFM4 FREESCALE-MKL14Z32VFM4 Datasheet
1Mb / 47P
Valid orderable part numbers are provided on the web. To determine the orderable part numbers for this device, go to www.freescale.com and perform a part number search for the following device numbers: PKL14 and MKL14
logo
List of Unclassifed Man...
DS_USB_RS485_CABLES ETC2-DS_USB_RS485_CABLES Datasheet
513Kb / 16P
2 Cable Part Numbers
logo
Bel Fuse Inc.
IAS012ZJ-3 BEL-IAS012ZJ-3 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
logo
ON Semiconductor
NCV7751 ONSEMI-NCV7751 Datasheet
329Kb / 25P
Twelve Low-Side Relay Drivers
November, 2013 ??Rev. 0
logo
Ohmite Mfg. Co.
RES-SURFMOUNT OHMITE-RES-SURFMOUNT Datasheet
331Kb / 4P
Twelve wattage ratings
logo
Infineon Technologies A...
TLE94112ES INFINEON-TLE94112ES Datasheet
2Mb / 80P
Twelve half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
National Semiconductor ...
7492A NSC-7492A Datasheet
256Kb / 3P
DIVIDE-BY-TWELVE COUNTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com