Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC5903
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC5903 Datasheet HTML 7Page - IXYS Corporation CPC5903 Datasheet HTML 8Page - IXYS Corporation CPC5903 Datasheet HTML 9Page - IXYS Corporation CPC5903 Datasheet HTML 10Page - IXYS Corporation CPC5903 Datasheet HTML 11Page - IXYS Corporation CPC5903 Datasheet HTML 12Page - IXYS Corporation CPC5903 Datasheet HTML 13Page - IXYS Corporation CPC5903 Datasheet HTML 14Page - IXYS Corporation CPC5903 Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
R02
www.ixysic.com
13
5
Manufacturing Information
5.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to the
latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee
proper operation of our devices when handled according to the limitations and information in that standard as well as
to any limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
5.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
5.3 Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
5.4 Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. However, board washing to
remove flux residue is acceptable. Since IXYS Integrated Circuits Division employs the use of silicone coating as an
optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a
wash is used after solder reflow processes. Chlorine-based or Fluorine-based solvents or fluxes should not be used.
Cleaning methods that employ ultrasonic energy should not be used.
Device
Moisture Sensitivity Level (MSL) Rating
CPC5903G / CPC5903GS
MSL 1
Device
Maximum Temperature x Time
CPC5903G / CPC5903GS
250°C for 30 seconds
e3
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com