Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903 Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC5903
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC5903 Datasheet HTML 4Page - IXYS Corporation CPC5903 Datasheet HTML 5Page - IXYS Corporation CPC5903 Datasheet HTML 6Page - IXYS Corporation CPC5903 Datasheet HTML 7Page - IXYS Corporation CPC5903 Datasheet HTML 8Page - IXYS Corporation CPC5903 Datasheet HTML 9Page - IXYS Corporation CPC5903 Datasheet HTML 10Page - IXYS Corporation CPC5903 Datasheet HTML 11Page - IXYS Corporation CPC5903 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
8
www.ixysic.com
R02
3
Functional Description
3.1 Introduction
The CPC5903 combines the features of multiple logic
optoisolators and an I2C bus repeater in a single 8-pin
package. It offers excellent isolation (3750Vrms) and
speed sufficient to support I2C Fast-mode at 400kbps.
It bidirectionally buffers the I2C data signal across the
isolation barrier, and unidirectionally buffers the clock
from Side A to Side B. If different supply voltage levels
are used at each side, then the part, in conjunction
with its external pull-up resistors, will perform logic
level translation for VDD between 2.7V and 5.5V at
either side. Due to the unidirectional nature of the
clock buffer it is required that the bus master be
connected to Side A of the CPC5903.
Configured with one bidirectional channel and one
unidirectional channel, the CPC5903 is ideal for
systems that do not implement clock stretching or
have bus masters on the Side B bus. This provides a
savings in supply current compared with using a dual
bidirectional isolator, but at the cost of losing the ability
to implement a Side B bus master or clock-stretching
in the future.
Like available non-galvanically isolating I2C bus
repeaters, the CPC5903 has a full-drive side (Side A)
and a limited-drive side (Side B).
On Side B, IOB is a voltage-limited output driver with a
reduced logic low input voltage threshold (VIL). An
internally set voltage limit prevents IOB from driving to
a VOL level it will accept as a input logic low. This
guarantees the bidirectional buffer cannot drive itself
into a latched logic low condition, which would cause
I2C bus contention. IOB is specified with a minimum
VOL-VIL margin of 25mV at minimum VDDB, and
exhibits a proportionately larger self-drive margin with
larger VDDB.
IOA, the bidirectional buffer on Side A, is rated as a full
strength (6mA), FAST-mode driver over the full VDDA
range with input thresholds specified as FAST-mode
compliant; thus the IOA output will drive the full 400pF
Fast-mode CLOAD and is allowed to drive its own input
to a logic low.
3.2 Fast-mode Operation
Fast-mode operation of the CPC5903 bidirectional
interface on Side A is available over the full operational
range of the device. While Side B operation is
Standard-mode compliant over the full operational
range of the device, it is Fast-mode speed capable
whenever the bus loading is limited to 200pF. Full
Fast-mode compatible operation of the Side B bus is
available whenever VDDB is 4.5V or greater.
3.3 Logic Input Thresholds and Output Levels
Because Side A is Fast-mode compliant, it’s inputs
IOA and IA have logic threshold levels and frequency
performance compliant with traditional I2C bus
interface devices. Additionally, the output capability of
IOA is Fast-mode compliant over the entire operational
range.
The output levels of OB and IOB are compatible with
traditional I2C bus interface devices, but are
voltage-limited. The input logic low threshold level of
IOB is configured lower than traditional I2C devices
and lower than it’s own output logic low level. This
eliminates the possibility of the IOB output driver
acquiring an IOB input logic low, which would result in
a latched logic low state.
Because Side B of the CPC5903 utilizes a modified
logic low threshold level, only one such device is
allowed on the Side B bus. Side A has no such
restriction as this side of the CPC5903 uses traditional
logic thresholds. This allows for cascaded isolation by
connecting the Side B of one CPC5903 to Side A of
the next.
Devices meeting the I2C specification are easily able
to drive the IOB input below the CPC5903’s lower VIL
(0.2VDDB) threshold at the Side B input, and will
correctly accept the Side B driven data, thereby
enabling Side B bidirectional communication.
3.4 Pull-Up Resistor Selection
Pull-up resistors are required on both sides of the
barrier. Selecting the value of the pull-up resistors is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com