Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U8C3005G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U8C3005G-S16-R
Description  each channel current limit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8C3005G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U8C3005G-S16-R Datasheet HTML 1Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 2Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 3Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 4Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 5Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U8C3005
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-059.a
8 BIT SERIAL-IN
PARALLEL-OUT VALVE
DRIVER
DESCRIPTION
The U8C3005 is a 8-Bit Serial-In Parallel-Out driver with Error
Detection to the solenoid valve drive. The device incorporates shift
registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of one channel is
Approximately limited to 50-85mA by Built-in constant current
source.
The range of power supply PVDD is 8V to 30V and the
Integrated internal 6V Regulator is used for low-voltage power
supply module communication. Moreover, PVDD can be also used
to absorb the inductive coil reverse-phase current with a built-in
reverse diode Between the output of each channel and PVDD in the
time of turn off.
Its built-in open/short detection circuits help users detect Load
state of the detection channels. System retrieve the error
messages to indicate which channel has failure by serial output
data.
FEATURES
* VDD range: PVDD 5V to 30V
* each channel current limit: 50mA
* Integrated internal 6V regulator
* Maximum clock frequency: 0.5MHz
* Built-in open/short detection
* Short protect
* Detecting response
* Internal reverse diode of PVDD to Absorb reverse current from coil
SOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
U8C3005G-S16-R
SOP-16
Tape Reel


Similar Part No. - U8C3005G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U8C3005G-S16-R UTC-U8C3005G-S16-R Datasheet
190Kb / 6P
8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
More results

Similar Description - U8C3005G-S16-R

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK146 MSK-MSK146_15 Datasheet
246Kb / 8P
Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Richtek Technology Corp...
RT2530Q RICHTEK-RT2530Q Datasheet
141Kb / 10P
Current Limit
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
Output Current Limit
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
Current limit protection
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
Current Limit protection
logo
STMicroelectronics
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
Negative current limit
12-Nov-2010
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
L6995S STMICROELECTRONICS-L6995S Datasheet
478Kb / 26P
LOSSLESS CURRENT LIMIT
Apr-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com