Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G79G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G79G-AE5-R
Description  Symmetrical output impedance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G79G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G79G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G79G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G79G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G79G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G79G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G79
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-028.A
SINGLE
POSITIVE-EDGE-TRIGGERED
D-TYPE FLIP-FLOP
DESCRIPTION
The UTC U74AHC1G79 is a positive-edge-triggered D-type
flip-flop.
Information on the data input is transferred to the Q output
on the LOW-to-HIGH transition of the clock pulse. The D input
must be stable one set-up time prior to the LOW-to-HIGH clock
transition for predictable operation.
FEATURES
* Wide supply voltage range from 2.0V to 5.5V
* Symmetrical output impedance
* Balanced propagation delays
* High noise immunity
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC1G79G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G79G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G79G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G74G-S08-R UTC-U74AHC1G74G-S08-R Datasheet
195Kb / 5P
Low static power consumption
More results

Similar Description - U74AHC1G79G-AE5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
STMicroelectronics
HCF4069U STMICROELECTRONICS-HCF4069U Datasheet
307Kb / 11P
Standardized symmetrical output characteristics
10-Jan-2014
logo
RFHIC
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
50 Ohm Input/Output impedance
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
50 Ohm Input/Output impedance
RRP9095150-18 RFHIC-RRP9095150-18 Datasheet
555Kb / 4P
50 Ohm Input/Output impedance
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
SYMMETRICAL OUTPUT IMPEDANCE
Feb-2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com