Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9316 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP9316
Description  16-Bit CMOS Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9316 Datasheet(HTML) 6 Page - Sipex Corporation

  SP9316 Datasheet HTML 1Page - Sipex Corporation SP9316 Datasheet HTML 2Page - Sipex Corporation SP9316 Datasheet HTML 3Page - Sipex Corporation SP9316 Datasheet HTML 4Page - Sipex Corporation SP9316 Datasheet HTML 5Page - Sipex Corporation SP9316 Datasheet HTML 6Page - Sipex Corporation SP9316 Datasheet HTML 7Page - Sipex Corporation SP9316 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
186
Figure 4. Bipolar Guarding
-
+
VOUT
15
16
14
Guard
RFB
IOUT1
IOUT2
SP9316
VREF
-
+
Figure 3. Unipolar Guarding
RFB
IOUT1
IOUT2
-
+
VOUT
15
16
14
SP9316
Guard
rated from the device drift, and that all measure-
ments are taken at identical temperatures. The
long–term drift of the SP9316 voltage output
system transfer function, after initial op amp
trim, will largely be determined by the choice of
the external components. For minimum offset
error the op amps should be trimmed after one
hour of continuous operation. The SP9316 con-
tribution to the offset drift after that time will be
±0.1ppm/°C per 1000 hours. The long–term
gain drift error contribution of the SP9316 is
±1
ppm/
°C per 1000 hours. Also to be considered
are the temperature coefficients of the external
resistors, the op amp drift specifications and the
stability of the reference. The SIPEX
HS2700LD, with a stability drift of 3ppm/
°C, is
recommended as a suitable voltage reference.
The unique segmented architecture of the
SP9316 resistor network, plus the low–TCR
nichrome materials and processes used in its
manufacture, results in an exceptionally low
linearity drift with time. Typical differential
linearity drift with temperature is 0.1ppm/
°C.
APPLICATION
Digitally–Controlled Low Pass Filter
The SP9316 can be used to construct active
filters which display very low noise and distor-
tion characteristics. Low pass filters can be
designed to provide digital control over center
frequency, gain and Q-factor. The SP9316 is an
ideal high resolution element for this applica-
tion. Figure 5 shows a low–pass filter designed
to be independent of the resistance of the SP9316
network by using it as a programmable gain
element. The filter characteristic is given by:
VOUT
VIN
–R3
R1
1
1+ j
ω R3R4C
R2D
()
=
()
where D is the binary code applied to the DAC
and C is the value of the capacitor.
LSB LATCH
CONTROL
REFERENCE
INPUT
MSB LATCH
CONTROL
IOUT2
IOUT1
FEEDBACK
5KΩ
15
14
16
19
13
20
PRECISION 16-BIT
RESISTOR NETWORK
& SWICHES
BIT: 9
10 11 12 13 14 15 16 ANA GND
+15V
5
418
17
3
2
1
24 232221
BIT: 8
7
6
5
4
3
2
1(MSB)
678
910 11 12
INPUT REGISTER
INPUT REGISTER
SP9316
–
+
A1
–
+
VIN
R1
R2
+5V
R3
–
+
VOUT
R4
C
A2
A3
VOUT
VIN
–R3
R1
1
1+ j
ω R3R4C
R2D
()
=
()
Figure 5. Digitally–Controlled Low–Pass Filter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com