Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9316 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP9316
Description  16-Bit CMOS Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9316 Datasheet(HTML) 1 Page - Sipex Corporation

  SP9316 Datasheet HTML 1Page - Sipex Corporation SP9316 Datasheet HTML 2Page - Sipex Corporation SP9316 Datasheet HTML 3Page - Sipex Corporation SP9316 Datasheet HTML 4Page - Sipex Corporation SP9316 Datasheet HTML 5Page - Sipex Corporation SP9316 Datasheet HTML 6Page - Sipex Corporation SP9316 Datasheet HTML 7Page - Sipex Corporation SP9316 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
181
SP9316
16–Bit CMOS Multiplying DAC
s High Stability with No Laser–Trimming
s 15–Bit Monotonicity over Temperature
s Single Power Supply Operation
s Upper/Lower Byte Input Registers
s 2– and 4–Quadrant Multiplication
s 60mW Power Dissipation
LSB LATCH
CONTROL
REFERENCE
INPUT
MSB LATCH
CONTROL
IOUT2
IOUT1
FEEDBACK
5KΩ
15
14
16
19
13
20
PRECISION 16-BIT
RESISTOR NETWORK
& SWICHES
BIT: 9 10 11 12 13 14 15 16
ANA GND
+15V
4
5
18
17
3
2
1
24 232221
BIT: 8
7
6
5
4
3
2
1(MSB)
678
910 11 12
INPUT REGISTER
INPUT REGISTER
SP9316
DESCRIPTION…
The SP9316 is a 16–bit, monolithic CMOS, multiplying digital-to-analog converter with two 8–bit
input registers for direct microprocessor interface. It offers two– and four–quadrant multiplying
capability with TTL/DTL and CMOS logic compatibility. Operating from a single +15V supply,
power dissipation is less than 60mW. The SP9316 is packaged in 24-pin ceramic or molded
plastic. Models are available for operation over the commercial (0
°C to 70°C) and military (–55°C
to +125
°C) temperature ranges. For product screened to MIL–STD–883, please consult the
factory.
Corporation
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP9316

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP930 SIPAT-SP930 Datasheet
46Kb / 1P
DECT RF Filters
SP930 SIPAT-SP930 Datasheet
47Kb / 1P
DECT RF Filters
More results

Similar Description - SP9316

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
227Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Intersil Corporation
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
CMOS 8-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com