Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9124/1950/DCC6C Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9124/1950/DCC6C
Description  RF Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9124/1950/DCC6C Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9124/1950/DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9124/1950/DCC6C Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel:
0044(0)118 979 1238
Fax:
0044 (0)118 979 1283
Email:
info@actcrystals.com
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
5
dBm
DC Voltage
VDC
0
V
Operable Temperature Range
TA
-40 to +85
℃
Storage Temperature Range
Tstg
-40 to +85
℃
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
1950.00
--
MHz
Insertion Loss
IL
1925 …. 1975 MHz
--
2.5
3.5
dB
Absolute Attenuation
α
50 …. 1825 MHz
1825 …. 1885 MHz
2035 …. 2085 MHz
2085 …. 3700 MHz
20
30
28
20
25
35
35
25
--
--
--
--
dB
dB
dB
dB
Amplitude Ripple (p-p)
Δα
1925 …. 1975 MHz
--
1.0
1.5
dB
Input / Output Impedance
50
Ω
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
Issue 1 C1u
25/ 03/ 2008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com