Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9124/1950/DCC6C Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9124/1950/DCC6C
Description  RF Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9124/1950/DCC6C Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9124/1950/DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9124/1950/DCC6C Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel:
0044(0)118 979 1238
Fax:
0044 (0)118 979 1283
Email:
info@actcrystals.com
The ACTF 9124/1950/DCC6C is a low-loss, compact, and economical surface-acoustic-wave (SAW)
RF filter in a surface-mount ceramic DCC6C case with center frequency 1950.000 MHz.
1. Package Dimensions
(DCC6C)
Pin
Configuration
2
Input
5
Output
1, 3, 4, 6
Case Ground
2. Marking
3. Test Circuit
Laser Printing
4.Typical Frequency Response
Issue 1 C1u
25/ 03/ 2008


Similar Part No. - ACTF9124/1950/DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9117 ACT-ACTF9117 Datasheet
513Kb / 7P
SAW BANDPASS FILTER
ACTF9118 ACT-ACTF9118 Datasheet
237Kb / 2P
RF filter
ACTF9118-F915TA-DCC6C ACT-ACTF9118-F915TA-DCC6C Datasheet
237Kb / 2P
RF filter
ACTF9139 ACT-ACTF9139 Datasheet
257Kb / 2P
RF Filter
ACTF9139-922.5-DCC6C ACT-ACTF9139-922.5-DCC6C Datasheet
257Kb / 2P
RF Filter
More results

Similar Description - ACTF9124/1950/DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
RF Filter
SEPT 06
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
RF filter
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
RF Filter
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
RF Filter
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
RF filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
RF filter
SEPT 06
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
RF filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com