Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF5055 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF5055
Description  RF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5055 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF5055 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 2Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 3Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 4Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 5Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 6Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW Filter
ACTF5055_707MHz_DCC6C
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
707
MHz
Insertion Loss
IL
698.00 ….716.0 MHz
--
1.8
3.0
dB
Absolute Attenuation
α
DC …640.0 MHz
40
50
dB
640.0 …678.0MHz
30
35
dB
736.0 …776.0 MHz
30
45
dB
776.0 … 1500.0 MHz
40
43
dB
1500.0 … 2000.0 MHz
35
42
dB
2000.0 …3000.0 MHz
20
32
dB
Amplitude Ripple (p-p)
698.00 ….716.0 MHz
Δα
0.6
2.0
dB
Group Delay Ripple
698.00 ….716.0 MHz
50
100
ns
Input VSWR
698.00 ….716.0 MHz
1.5:1
2.0:1
Output VSWR
698.00 ….716.0 MHz
1.5:1
2.0:1
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com