Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF5055 Datasheet(PDF) 7 Page - Advanced Crystal Technology

Part # ACTF5055
Description  RF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5055 Datasheet(HTML) 7 Page - Advanced Crystal Technology

  ACTF5055 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 2Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 3Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 4Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 5Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 6Page - Advanced Crystal Technology ACTF5055 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SAW Filter
ACTF5055_707MHz_DCC6C
Recommended Soldering Profile
A
○
C
E
A
ACT. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com