Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4158 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4158
Description  Saw Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4158 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4158 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
3. Maximum Ratings
Rating
Value
Unit
Operable Temperature Range
TA
-30 to +80
℃
Storage Temperature Range
Tstg
-40 to +85
℃
DC Voltage (between each Terminal)
VDC
0
V
RF Power (in BW)
P
30 max.
dBm
ESD Voltage (HB)
V
150
V
4. Electrical Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
457.50
--
MHz
User Signal Band
BW
454.5
--
460.5
MHz
Insertion Loss
IL
454.5 … 460.5 MHz
--
2.1
2.4
dB
Absolute Attenuation
α
0.3 … 350.0 MHz
350.0 … 445.0 MHz
465.0 … 470.0 MHz
470.0 … 907.5 MHz
907.5 … 917.5 MHz
917.5 ... 1500.0 MHz
27
25
40
22
27
20
32
30
42
27
32
24
--
--
--
--
--
dB
dB
dB
dB
dB
dB
Passband Ripple
Δα
454.5 … 460.5 MHz
--
1.0
1.5
dB
VSWR
SWR
454.5 … 460.5 MHz
--
1.5
2.0
Temperature Coefficient of Frequency
TCf
--
-36
--
ppm/
Input / Output Impedance
50
Ω
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected
to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown below and subject to change or obsolescence without
notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com