Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4158 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF4158
Description  Saw Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4158 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF4158 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4158 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The ACTF4158 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter in a
surface-mount ceramic DCC6 case with 457.50 MHz center frequency.
1. Package Dimension
(DCC6)
Pin
Configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Unit: mm
2. Marking
- The logo “ND” indicates our product’s mark
- The character “F” indicates the type of SAW component
ACTF*001
4158
●
Including: F (filter), R (resonator) etc.
- The “4158” indicates the model name of SAW component
- The character “*” indicates the month code in a year
1
2
3
4
5
6
7
8
9
10
11
12
2005
A
B
C
D
E
F
G
H
J
K
L
M
2006
N
P
Q
R
S
T
U
V
W
X
Y
Z
2007
a
b
c
d
e
f
g
h
j
k
l
m
2008
n
p
q
r
s
t
u
v
w
x
y
z
- The characters “001” indicate the lot number of mounting
Including: 001~999
1


Similar Part No. - ACTF4158

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
ACTF410A ACT-ACTF410A Datasheet
165Kb / 3P
SAW Filter
March 2010
ACTF410A/410.0/F11 ACT-ACTF410A/410.0/F11 Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
ACTF410A/410.0/F11 ACT-ACTF410A/410.0/F11 Datasheet
165Kb / 3P
SAW Filter
March 2010
ACTF410A ACT-ACTF410A_10 Datasheet
165Kb / 3P
SAW Filter
March 2010
More results

Similar Description - ACTF4158

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com