Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4008 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4008
Description  Saw Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4008 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4008 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4008 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4008 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Centre Frequency
fC
--
465.000
--
MHz
User Signal Band
BW
--
±3.0
--
MHz
Insertion Loss
IL
fC±3.0MHz
--
3.5
5.0
dB
Absolute Attenuation
α
DC to fC -30.0MHz
fC-30.0MHz to fC+200.0MHz
40
45
48
55
--
--
dB
Ripple
Δ α
fC±3.0MHz
--
2.0
--
dB
Input / Output Impedance (Nominal)
50
Ω//0pF
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling
!
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
Frequency aging is the change in f C with time and is specified at +65°C or less. Aging may exceed the
specification for prolonged temperatures above +65°C. Typically, aging is greatest the first year after
manufacture, decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f 0. The nominal frequency at
any case temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
7.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
8.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com