Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4008 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF4008
Description  Saw Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4008 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF4008 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4008 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4008 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The
ACTF4008/465.0/DCC6 is a low-loss, compact, and economical surface-acoustic-wave (SAW)
filter in a surface-mount ceramic
DCC6 case intended for use in Mobile Radio ( FRS & PMR )
applications.
1. Package Dimension (DCC6)
2.
3. Matching Circuit
Pin
Configuration
2
Input
5
Output
1,3,4,6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
1.90±0.1
E
1.35±0.15
B
0.64±0.1 (x6)
F
3.80±0.15
C
1.00±0.1 (x5)
G
3.80±0.15
D
1.27±0.1 (x4)
Issue : 1.1 C1
Date : March 2010


Similar Part No. - ACTF4008

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF4008 ACT-ACTF4008 Datasheet
91Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4008/465.0/DCC6 ACT-ACTF4008/465.0/DCC6 Datasheet
91Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results

Similar Description - ACTF4008

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com