Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2824 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2824
Description  DUAL POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2824 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2824 Datasheet HTML 1Page - STMicroelectronics TDA2824 Datasheet HTML 2Page - STMicroelectronics TDA2824 Datasheet HTML 3Page - STMicroelectronics TDA2824 Datasheet HTML 4Page - STMicroelectronics TDA2824 Datasheet HTML 5Page - STMicroelectronics TDA2824 Datasheet HTML 6Page - STMicroelectronics TDA2824 Datasheet HTML 7Page - STMicroelectronics TDA2824 Datasheet HTML 8Page - STMicroelectronics TDA2824 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THERMAL DATA
Symbol
Parameter
Val ue
Un it
Rth j-amb
Thermal Resistance Junction-ambient
Max.
80
°C/W
Rth j-case
Thermal Resistance Junction-case
Max.
20
°C/W
ELECTRICAL CHARACTERISTICS (VS = 6V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Co ndi ti ons
Mi n.
Typ .
Max.
Un it
STEREO (test circuit of fig. 1)
VS
Supply Voltage
3
15
V
VO
Quiescent Output Voltage
VS =9V
VS =9V
4
2.7
V
V
Id
Quiescent Drain Current
6
12
mA
Ib
Input Bias Current
100
nA
PO
Output Power
(each channel)
d = 10%
f = 1KHz
VS =9V
RL =4
Ω
VS =6V
RL =4
Ω
VS = 4.5V
RL =4
Ω
1.3
0.45
1.7
0.65
0.32
W
W
W
d
Distortion
VS = 9V, f = 1KHz
RL =8
Ω,PO = 0.5W
0.2
%
GV
Closed Loop Voltage
Gain
f = 1KHz
36
39
41
dB
Ri
Input Resistance
f = 1KHz
100
K
Ω
eN
Total Input Noise
RS = 10K
Ω B = 22Hz to 22KHz
2.5
µV
Curve A
2
µV
SVR
Supply Voltage Rejection
f = 100Hz
40
50
dB
CS
Channel Separation
RS = 10K
Ω
f = 1KHz
50
dB
BRIDGE (test circuit of fig. 2)
VS
Supply Voltage
3
15
V
VOS
Output Offset Voltage
RL =8
Ω
60
mV
Ib
Imput Bias Current
100
nA
PO
Output Power
d = 10%
VS =9V
VS =6V
VS = 4.5V
f = 1KHz
RL =8
Ω
RL =8
Ω
RL =4
Ω
2.5
0.9
3.2
1.35
1
W
W
W
d
Distortion (f = 1KHz)
RL =8
Ω
PO = 0.5W
0.2
%
GV
Closed Loop Voltage
Gain
f = 1KHz
39
dB
eN
Total Input Noise
RS = 10K
Ω B = 22Hz to 22KHz
3
mV
Curve A
2.5
µV
SVR
Supply Voltage Rejection
f = 100Hz
48
60
dB
TDA2824
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com