Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC148G-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC148G-P16-R
Description  High Noise Immunity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC148G-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC148G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HC148
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R126-045.A
SWITCHING CHARACTERISTICS (CL=50pF, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
69
180
ns
VCC=4.5V
23
36
ns
Propagation delay from input
(1-7) to output(A0~A2)
VCC=6.0V
21
31
ns
VCC=2.0V
60
150
ns
VCC=4.5V
20
30
ns
Propagation delay from input
(0-7) to output(EO)
VCC=6.0V
17
26
ns
VCC=2.0V
75
190
ns
VCC=4.5V
25
38
ns
Propagation delay from input
(0-7) to output(GS)
VCC=6.0V
21
32
ns
VCC=2.0V
78
195
ns
VCC=4.5V
26
39
ns
Propagation delay from input
(EI) to output(A0~A2)
VCC=6.0V
22
33
ns
VCC=2.0V
57
145
ns
VCC=4.5V
19
29
ns
Propagation delay from input
(EI) to output(GS)
VCC=6.0V
16
25
ns
VCC=2.0V
66
166
ns
VCC=4.5V
22
33
ns
Propagation delay from input
(EI) to output(EO)
tPD
VCC=6.0V
19
28
ns
VCC=2.0V
28
75
ns
VCC=4.5V
8
15
ns
Propagation delay to
output(Any)
tt
VCC=6.0V
6
13
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation
Capacitance
CPD
No load.
35
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com