Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC148G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC148G-P16-R
Description  High Noise Immunity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC148G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC148G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC148G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC148
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-045.A
8-LINE TO 3-LINE PRIORITY
ENCODERS
DESCRIPTION
The UTC U74HC148 devices encode eight data lines to 3-line
binary (octal). It feature priority decoding of the inputs to ensure that
only the highest-order data line is encoded. (enable input EI and
enable output EO) have been provided to allow octal expansion
without the need for external circuitry. Data inputs and outputs are
active at the low logic level.
FEATURES
* Wide supply voltage range from 2.0V to 6.0V
* Low static power consumption; ICC=8μA (Max.)
* Encode Eight Data Lines to 3-Line Binary (Octal)
* High Noise Immunity
SOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
U74HC148G-P16-R
TSSOP-16
Tape Reel
MARKING


Similar Part No. - U74HC148G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14-D14-T UTC-U74HC14-D14-T Datasheet
103Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14-S14-R UTC-U74HC14-S14-R Datasheet
103Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14-S14-T UTC-U74HC14-S14-T Datasheet
103Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14G-D14-T UTC-U74HC14G-D14-T Datasheet
198Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
More results

Similar Description - U74HC148G-P16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
Triacs high noise immunity
October 1997 Rev 1.100
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
Triacs high noise immunity
September 1997 Rev 1.200
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
High Noise Immunity, 2.5A Output Current
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
High electrical noise immunity
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
ENHANCED NOISE IMMUNITY
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
High Noise Immunity
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
High Noise Immunity
logo
NXP Semiconductors
BT139BH PHILIPS-BT139BH Datasheet
54Kb / 6P
Triacs high noise immunity
March 1997 Rev 1.000
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
Triacs high noise immunity
September 1997 Rev 1.200
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
High Noise Immunity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com