Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G58G-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G58G-AL6-R
Description  MULTIPLE-FUNCTION GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G58G-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G58G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G58
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-032.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VCC=0 ~ 5.5V, VIN=5.5V or GND
±1
μA
Power OFF Leakage Current
Ioff
VCC=0V, VIN or VOUT=5.5V
±10
μA
Quiescent Supply Current
ICC
VCC=1.65 ~ 5.5V,
VIN=5.5V or GND, IOUT=0A
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=3 ~ 5.5V, One input at
VCC-0.6V, Other inputs at VCC or
GND
500
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
3.5
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
3.2
14.4
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
2
8.3
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1.5
6.3
ns
Propagation delay from
input (A) to output(Y)
tPD
VCC=5±0.5V,CL=50pF, RL=500Ω
1.1
5.1
ns
OPERATING CHARACTERISTICS (f=10MHz, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
22
pF
VCC=2.5V
22
pF
VCC=3.3V
23
pF
Power Dissipation
Capacitance
CPD
VCC=5V
24
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com