Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G58G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G58G-AL6-R
Description  MULTIPLE-FUNCTION GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G58G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G58G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G58G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G58
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-032.A
MULTIPLE-FUNCTION GATE
DESCRIPTION
The U74LVC1G58 features configurable multiple functions. The
output state is determined by eight patterns of 3-bit input. The user
can choose the logic functions AND, OR, NAND, NOR, XOR,
inverter,and noninverter,All inputs can be connected to VCC or GND.
This device functions as an independent gate, but because of
Schmitt action, it may have different input threshold levels for
positive-going (VT+) and negative-going(VT-) signals.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=10μA (Max.)
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G58G-AL6-R
SOT-363
Tape Reel
MARKING


Similar Part No. - U74LVC1G58G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00 Datasheet
187Kb / 6P
SINGLE 2-INPUT NAND GATE
U74LVC1G00 UTC-U74LVC1G00 Datasheet
219Kb / 6P
SINGLE 2-INPUT NAND GATE
U74LVC1G00G-AE5-R UTC-U74LVC1G00G-AE5-R Datasheet
201Kb / 6P
SINGLE 2-INPUT NAND GATE
U74LVC1G00G-AE5-R UTC-U74LVC1G00G-AE5-R Datasheet
219Kb / 6P
SINGLE 2-INPUT NAND GATE
U74LVC1G00G-AF5-R UTC-U74LVC1G00G-AF5-R Datasheet
187Kb / 6P
SINGLE 2-INPUT NAND GATE
More results

Similar Description - U74LVC1G58G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G97 RENESAS-HD74LVC1G97 Datasheet
2Mb / 11P
Configurable Multiple-Function Gate
HD74LV1GW58A RENESAS-HD74LV1GW58A Datasheet
100Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G58DSFR TI1-SN74LVC1G58DSFR Datasheet
1Mb / 24P
Configurable Multiple-Function Gate
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com