Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G241G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G241G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G241G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G241G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G241
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-035.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VCC=0 ~ 5.5V, VIN=5.5V or GND
±5
μA
Power OFF Leakage Current
Ioff
VCC=0V, VIN or VOUT=5.5V
±10
μA
OFF-state output current
IOZ
VCC=3.6V, VIN = VIH or VIL,
VOUT=5.5V or GND
10
μA
Quiescent Supply Current
ICC
VCC=1.65 ~ 5.5V,
VIN=VCC or GND, IOUT=0
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=3 ~ 5.5V, One input at
VCC-0.6V, Other inputs at VCC or
GND
500
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
3.5
pF
Output Capacitance
CO
VCC=3.3V, VOUT=VCC or GND
6.5
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
3.3
8.8
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1.5
4.8
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1.4
4.3
ns
Propagation delay from
inputs (A) to output(Y)
tPD
VCC=5±0.5V,CL=50pF, RL=500Ω
1
3.7
ns
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
4
9.9
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1.9
5.6
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1.2
4.7
ns
Propagation delay from input
( OE ) to output(Y)
ten
VCC=5±0.5V,CL=50pF, RL=500Ω
1.2
3.8
ns
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
1.5
11.6
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1
5.8
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1.4
4.4
ns
Propagation delay from input
( OE ) to output(Y)
tdis
VCC=5±0.5V,CL=50pF, RL=500Ω
1
3.4
ns
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
3.2
8.8
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1.5
4.7
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1.6
4.1
ns
Propagation delay from input
(OE) to output(Y)
ten
VCC=5±0.5V,CL=50pF, RL=500Ω
1.1
3.3
ns
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
1.7
12.5
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1
5.2
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1
4.2
ns
Propagation delay from input
(OE) to output(Y)
tdis
VCC=5±0.5V,CL=50pF, RL=500Ω
1
3.3
ns
OPERATING CHARACTERISTICS (f=10MHz, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
19
pF
VCC=2.5V
19
pF
VCC=3.3V
20
pF
Output enabled
VCC=5V
22
pF
VCC=1.8V
2
pF
VCC=2.5V
2
pF
VCC=3.3V
2
pF
Power
Dissipation
Capacitance
Output disabled
CPD
VCC=5V
3
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com