Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G241G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G241G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G241G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G241G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G241G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G241
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-035.A
DUAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUT
DESCRIPTION
The U74LVC2G241 is designed specifically to improve both the
performance and density of 3-state memory-address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The U74LVC2G241 is organized as two 1-bit line drivers with
separate output-enable(1
OE , 2OE) intputs, When 1 OE is low and
2OE is high, the device passes data from the A inputs to the Y
output. When 1
OE is high and 2OE is low, the output are in the
high-impedance state.
To ensure the high-impedance state during power up or power
down,
OE should be tied to VCC through a pull up resistor, and OE
should be tied to GND through a pull down resistor, the minimum
value of the resistor is determined by the current-sinking or the
current-sourcing capability of the driver.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=10μA (Max.)
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G241G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - U74LVC2G241G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC2G240G-P08-R UTC-U74LVC2G240G-P08-R Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC2G240G-P08-R UTC-U74LVC2G240G-P08-R Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
U74LVC2G240 UTC-U74LVC2G240_15 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC2G241G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G74G-S08-R UTC-U74AHC1G74G-S08-R Datasheet
195Kb / 5P
Low static power consumption
U74AUP1G04G-AE5-R UTC-U74AUP1G04G-AE5-R Datasheet
207Kb / 5P
Low static power consumption
U74HC73G-S14-R UTC-U74HC73G-S14-R Datasheet
178Kb / 6P
Low static power consumption
U74HC590G-S16-R UTC-U74HC590G-S16-R Datasheet
290Kb / 8P
Low static power consumption
U74HCT73G-S14-R UTC-U74HCT73G-S14-R Datasheet
174Kb / 6P
Low static power consumption
U74LVC1G240G-AL5-R UTC-U74LVC1G240G-AL5-R Datasheet
189Kb / 5P
Low static power consumption
U74LVC3G06G-S08-R UTC-U74LVC3G06G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G07G-S08-R UTC-U74LVC3G07G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G14G-S08-R UTC-U74LVC3G14G-S08-R Datasheet
203Kb / 5P
Low static power consumption
U74LVC3G17G-S08-R UTC-U74LVC3G17G-S08-R Datasheet
202Kb / 5P
Low static power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com