Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC3G34G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC3G34G-S08-R
Description  SINGLE BUFFER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC3G34G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC3G34G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC3G34G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC3G34G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC3G34G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC3G34G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC3G34
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R126-025.A
SINGLE BUFFER GATE
DESCRIPTION
The U74LVC3G34 is a triple buffer gate which provides the
Boolean function Y = A.
The U74LVC3G34 inputs can be driven from either 3.3 V or 5 V
devices.
The U74LVC3G34 IOFF circuitry disables the output, preventing
a damaging backflow current through the device when it is powered
down.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=10μA (Max.)
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC3G34G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - U74LVC3G34G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC3G04G-S08-R UTC-U74LVC3G04G-S08-R Datasheet
196Kb / 5P
TRIPLE INVERTER GATE
U74LVC3G06G-S08-R UTC-U74LVC3G06G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G07 UTC-U74LVC3G07 Datasheet
231Kb / 5P
TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
U74LVC3G07G-S08-R UTC-U74LVC3G07G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G07L-CK08-2030-R UTC-U74LVC3G07L-CK08-2030-R Datasheet
231Kb / 5P
TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - U74LVC3G34G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
SINGLE BUFFER GATE
Rev 1
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
SINGLE BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com