Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC09AG-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC09AG-S16-R
Description  Partial-Power-Down Mode Operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC09AG-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC09AG-S16-R Datasheet HTML 1Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC09A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-043 .A
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V, CL=30pF,
RL=1KΩ
1.0
2.6
6.0
ns
VCC=2.5V±0.2V, CL=30pF,
RL=500Ω
0.5
1.8
3.3
ns
VCC=2.7V, CL=50pF, RL=500Ω
0.5
1.7
2.9
ns
Propagation delay from input
(nA or nB) to output(Y)
tPZL
VCC=3.3V±0.3V, CL=50pF,
RL=500Ω
0.5
1.8
3.0
ns
VCC=1.8V±0.15V, CL=30pF,
RL=1KΩ
1.0
2.7
6.0
ns
VCC=2.5V±0.2V, CL=30pF,
RL=500Ω
0.5
1.5
3.3
ns
VCC=2.7V, CL=50pF, RL=500Ω
1.0
2.6
3.8
ns
Propagation delay from input
(nA or nB) to output(Y)
tPLZ
VCC=3.3V±0.3V, CL=50pF,
RL=500Ω
1.0
2.3
3.6
ns
Output skew time
tsw
1.0
ns
OPERATING CHARACTERISTICS
(Per gate, VIN=GND or VCC, f=10MHz , TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V, CL=30pF
6.2
pF
VCC=2.5V±0.2V, CL=30pF
9.7
pF
Power Dissipation
Capacitance
CPD
VCC=3.3V±0.3V, CL=50pF
12.9
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com