Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC09AG-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC09AG-S16-R
Description  Partial-Power-Down Mode Operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC09AG-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC09AG-S16-R Datasheet HTML 1Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74LVC09AG-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC09A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-043 .A
QUAD 2-INPUT NAND GATE
WITH OPEN-DRAIN OUTPUT
DESCRIPTION
The U74LVC09A provides four 2-input NAND functions.The
outputs are open-drain and can be connected to other open-drain
outputs to implement active-LOW wired-OR or active-HIGH
wired-AND functions.
Inputs can be driven from either 3.3V or 5.5V devices.This
feature allows the use of these devices as translators in mixed 3.3V
and 5V applications.
FEATURES
* Operate From 1.65V to 5.5V
* Input Accept Voltages to 5.0V
* Partial-Power-Down Mode Operation
* Max tpd is 3.6ns at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC09AG-S16-R
SOP-16
Tape Reel
MARKING


Similar Part No. - U74LVC09AG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC00A UTC-U74LVC00A Datasheet
175Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00AG-P14-R UTC-U74LVC00AG-P14-R Datasheet
175Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00AG-P14-R UTC-U74LVC00AG-P14-R Datasheet
214Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00AG-S14-R UTC-U74LVC00AG-S14-R Datasheet
214Kb / 5P
QUAD 2-INPUT NAND GATE
U74LVC00A UTC-U74LVC00A_15 Datasheet
214Kb / 5P
QUAD 2-INPUT NAND GATE
More results

Similar Description - U74LVC09AG-S16-R

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
Provision for Standby mode operation Partial Resonance Power Supply IC Module
logo
Winbond
W949D6KB WINBOND-W949D6KB Datasheet
1Mb / 60P
Power Down Mode
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
Partial switching circuit
logo
AVAGO TECHNOLOGIES LIMI...
ODIN-MPT4-02 AVAGO-ODIN-MPT4-02 Datasheet
184Kb / 7P
Power down mode
logo
Unisonic Technologies
U74LVC241G-S20-R UTC-U74LVC241G-S20-R Datasheet
220Kb / 5P
Partial-Power-Down Mode Operation
U74LVC257G-S16-R UTC-U74LVC257G-S16-R Datasheet
236Kb / 6P
Partial-Power-Down Mode Operation
U74LVC258G-S16-R UTC-U74LVC258G-S16-R Datasheet
236Kb / 6P
Partial-Power-Down Mode Operation
logo
Alliance Semiconductor ...
AS4C64M32MD1 ALSC-AS4C64M32MD1 Datasheet
1Mb / 43P
Power Down Mode
AS4C64M32MD2-25BCN ALSC-AS4C64M32MD2-25BCN Datasheet
2Mb / 129P
Deep Power Down Mode
logo
Shindengen Electric Mfg...
MR4040 SHINDENGEN-MR4040 Datasheet
1Mb / 43P
Partial Resonance Power Supply ICModule
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com