Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC6501 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6501
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6501 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6501 Datasheet HTML 1Page - Toshiba Semiconductor TPC6501 Datasheet HTML 2Page - Toshiba Semiconductor TPC6501 Datasheet HTML 3Page - Toshiba Semiconductor TPC6501 Datasheet HTML 4Page - Toshiba Semiconductor TPC6501 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPC6501
2001-12-18
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPC6501
High-Speed Switching Applications
DC-DC Converter Applications
Strobe Applications
•
High DC current gain: hFE = 400 to 1000 (IC = 0.2 A)
•
Low collector-emitter saturation voltage: VCE (sat) = 0.12 V (max)
•
High-speed switching: tf = 25 ns (typ.)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
7
V
DC
IC
2.0
Collector current
Pulse
ICP
3.5
A
Base current
IB
200
mA
DC
0.8
Collector power
dissipation
t
= 10 s
PC
(Note)
1.6
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area:
645 mm
2)
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 20 V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
10
V
hFE (1)
VCE = 2 V, IC = 0.2 A
400
1000
DC current gain
hFE (2)
VCE = 2 V, IC = 0.6 A
200
Collector-emitter saturation voltage
VCE (sat)
IC = 0.6 A, IB = 12 mA
0.12
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.6 A, IB = 12 mA
1.10
V
Rise time
tr
60
Storage time
tstg
215
Switching time
Fall time
tf
See Figure 1 circuit diagram.
VCC ∼− 6 V, RL = 10 Ω
IB1 = −IB2 = 12 mA
25
ns
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)


Similar Part No. - TPC6501

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6501 TOSHIBA-TPC6501 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results

Similar Description - TPC6501

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
SILICON NPN EPITAXIAL TYPE
logo
Toshiba Semiconductor
BD135 TOSHIBA-BD135 Datasheet
214Kb / 3P
SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com