Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC6501 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPC6501
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6501 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC6501 Datasheet HTML 1Page - Toshiba Semiconductor TPC6501 Datasheet HTML 2Page - Toshiba Semiconductor TPC6501 Datasheet HTML 3Page - Toshiba Semiconductor TPC6501 Datasheet HTML 4Page - Toshiba Semiconductor TPC6501 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPC6501
2001-12-18
2
Circuit Configuration
Marking
Figure 1
Switching Time Test Circuit &
Timing Chart
IB2
IB1
20
µs
Output
Input
IB2
IB1
VCC
Duty cycle
< 1%
H 2 A
6
1
2
3
5
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com