Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4EXXXX Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EXXXX
Description  Low Series Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EXXXX Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4EXXXX Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaAs Flip Chip
Schottky Barrier Diodes
Rev. V9
MA4EXXXX Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications @ +25°C
Parameters and Test Conditions
Symbol
MA4E1317
MA4E1318
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Junction Capacitance at 0 V at 1 MHz
Cj
pF
-
.020
-
-
.0203
-
Total Capacitance at 0 V at 1 MHz1
Ct
pF
.030
.045
.060
.0303
.0453
.0603
Junction Capacitance Difference
DCj
pF
-
-
-
-
.005
.010
Series Resistance at +10 mA2
Rs
Ohms
-
4
7
-
4
7
Forward Voltage at +1 mA
Vf1
Volts
.60
.70
.80
.60
.70
.80
Forward Voltage Difference at +1 mA
DVf
Volts
-
-
-
-
.005
.010
Reverse Breakdown Voltage at -10 µA
Vbr
Volts
4.5
7
-
-
-
-
SSB Noise Figure
NF
dB
-
6.54
-
-
6.54
-
1. Total capacitance is equivalent to the sum of junction capacitance Cj and parasitic capacitance Cp.
2. Series resistance is determined by measuring the dynamic resistance and subtracting the junction resistance of 2.6 ohms.
3. Capacitance for the MA4E1318, MA4E2160, MA4E1319-1 or -2 is per Schottky diode.
4. Measured at a LO frequency of 9.375 GHz, with an IF frequency of 300 MHz, LO drive level is +6 dBm for a single Schottky junction. The
IF noise figure contribution (1.5 dB) is included.
Parameters and Test Conditions
Symbol
MA4E1319-1 or -2
MA4E2160
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Junction Capacitance at 0 V at 1 MHz
Cj
pF
-
.0203
-
-
-
.0203
Total Capacitance at 0 V at 1 MHz1
Ct
pF
.0303
.0453
.0603
.0603
.0303
.0453
Junction Capacitance Difference
DCj
pF
-
.005
.010
.010
-
.005
Series Resistance at +10 mA2
Rs
Ohms
-
4
7
7
-
4
Forward Voltage at +1 mA
Vf1
Volts
.60
.70
.80
.80
.60
.70
Forward Voltage Difference at +1 mA
DVf
Volts
-
.005
.010
.010
-
.005
Reverse Breakdown Voltage at -10 µA
Vbr
Volts
4.5
7
-
-
4.5
7
SSB Noise Figure
NF
dB
-
6.54
-
-
-
6.54



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com