Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4EXXXX Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EXXXX
Description  Low Series Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EXXXX Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4EXXXX Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4EXXXX Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaAs Flip Chip
Schottky Barrier Diodes
Rev. V9
MA4EXXXX Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings5,6
Parameter
Absolute Maximum
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Incident LO Power
+20 dBm
Incident RF Power
+20 dBm
Mounting Temperature
+235°C for 10 seconds
Forward Current vs. Temperature
0
20
40
60
80
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
+25°C
-50°C
+125°C
Forward Voltage (V)
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
Mounting Techniques
These chips were designed to be inserted onto
hard or soft substrates with the junction side down.
They can be mounted with conductive epoxy or
with a low temperature solder preform. The die
can also be assembled with the junction side up,
and wire or ribbon bonds made to the pads.
Solder Die Attach:
Solder which does not scavenge gold, such as
Indalloy # 2, is recommended.
Sn-Pb based
solders are not recommended due to solder
embrittlement. Do not expose die to a temperature
greater than 235°C, or greater than 200°C for
longer than 10 seconds. No more than three
seconds of scrubbing should be required for
attachment.
Epoxy Die Attach:
Assembly can be preheated to 125 - 150°C. Use a
minimum amount of epoxy. Cure epoxy as per
manufacturer’s schedule. For extended cure times,
temperatures should be kept below 200°C.
Handling Procedures
The following precautions should be observed to
avoid damaging these chips:
Cleanliness:
The chips should be handled in a clean
environment. Do not attempt to clean die after
installation.
Static Sensitivity:
Schottky barrier diodes are ESD sensitive and can
be damaged by static electricity.
Proper ESD
techniques should be used when handling these
Class 0 devices.
General Handling:
The protective polymer coating on the active areas
of these die provides scratch protection, particularly
for the metal air bridge which contacts the anode.
Die can be handled with tweezers or vacuum
pickups and are suitable for use with automatic
pick-and-place equipment.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com