Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4819M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4819M
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4819M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4819M Datasheet HTML 1Page - National Semiconductor (TI) LM4819M Datasheet HTML 2Page - National Semiconductor (TI) LM4819M Datasheet HTML 3Page - National Semiconductor (TI) LM4819M Datasheet HTML 4Page - National Semiconductor (TI) LM4819M Datasheet HTML 5Page - National Semiconductor (TI) LM4819M Datasheet HTML 6Page - National Semiconductor (TI) LM4819M Datasheet HTML 7Page - National Semiconductor (TI) LM4819M Datasheet HTML 8Page - National Semiconductor (TI) LM4819M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Notes 2, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (P
D) (Note 4)
Internally Limited
ESD Susceptibility (Note 5)
3.5kV
ESD Susceptibility (Note 6)
250V
Junction Temperature (T
J)
150˚C
Soldering Information (Note 1)
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Thermal Resistance
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
210˚C/W
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
170˚C/W
θ
JA (LLP)
117˚C/W (Note 10)
θ
JA (LLP)
150˚C/W (Note 11)
Operating Ratings (Notes 2, 3)
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.0V
≤ V
CC ≤ 5.5V
Electrical Characteristics V
DD =5V (Notes 2, 3)
The following specifications apply for V
DD = 5V, RL =16Ω unless otherwise stated. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4819
Units
(Limits)
Typical
Limit
(Note 7)
(Notes 8, 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
1.5
3.0
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD (Note 12)
1.0
5.0
µA (max)
V
SDIH
Shutdown Voltage Input High
4.0
V (min)
V
SDIL
Shutdown Voltage Input Low
1.0
V (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 10%, f
IN = 1kHz
350
mW
THD = 10%, f
IN = 1kHz, RL =8Ω
300
mW
THD+N
Total Harmonic Distortion + Noise
P
O = 270mWRMS,AVD =2,fIN =
1kHz
1%
Electrical Characteristics V
DD =3V (Notes 2, 3)
The following specifications apply for V
DD = 3V and RL =16Ω load unless otherwise stated. Limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4819
Units
(Limits)
Typical
Limit
(Note 7)
(Notes 8, 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
1.0
3.0
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD (Note 12)
0.7
5.0
µA (max)
V
SDIH
Shutdown Voltage Input High
2.4
V (min)
V
SDIL
Shutdown Voltage Input Low
0.6
V (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV
P
O
Output Power
THD = 10%, f
IN = 1kHz
110
mW
THD = 10%, f
IN = 1kHz, RL =8Ω
90
mW
THD+N
Total Harmonic Distortion + Noise
P
O = 80mWRMS,AVD =2,fIN =
1kHz
1%
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com