Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4819M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4819M
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4819M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4819M Datasheet HTML 1Page - National Semiconductor (TI) LM4819M Datasheet HTML 2Page - National Semiconductor (TI) LM4819M Datasheet HTML 3Page - National Semiconductor (TI) LM4819M Datasheet HTML 4Page - National Semiconductor (TI) LM4819M Datasheet HTML 5Page - National Semiconductor (TI) LM4819M Datasheet HTML 6Page - National Semiconductor (TI) LM4819M Datasheet HTML 7Page - National Semiconductor (TI) LM4819M Datasheet HTML 8Page - National Semiconductor (TI) LM4819M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4819
350mW Audio Power Amplifier with Shutdown Mode
General Description
The LM4819 is a mono bridged power amplifier that is ca-
pable of delivering 350mW
RMS output power into a 16Ω load
or 300mW
RMS output power into an 8Ω load with 10%
THD+N from a 5V power supply.
The LM4819 Boomer audio power amplifier is designed
specifically to provide high quality output power and mini-
mize PCB area with surface mount packaging and a minimal
amount of external components. Since the LM4819 does not
require output coupling capacitors, bootstrap capacitors or
snubber networks, it is optimally suited for low-power por-
table applications.
The closed loop response of the unity-gain stable LM4819
can be configured using external gain-setting resistors. The
device is available in LLP, MSOP, and SO package types to
suit various applications.
Key Specifications
n
THD+N at 1kHz, 350mW continuous average output
power into 16
Ω
10% (max)
n
THD+N at 1kHz, 300mW continuous average output
power into 8
Ω
10% (max)
n
Shutdown Current
0.7µA (typ)
Features
n
LLP, SOP, and MSOP surface mount packaging.
n
Switch on/off click suppression.
n
Unity-gain stable.
n
Minimum external components.
Applications
n
General purpose audio
n
Portable electronic devices
n
Information Appliances (IA)
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
DS200136-1
FIGURE 1. Typical Audio Amplifier Application Circuit
April 2002
© 2002 National Semiconductor Corporation
DS200136
www.national.com


Similar Part No. - LM4819M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4819MBD TI-LM4819MBD Datasheet
1Mb / 27P
LM4819 350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 28P
350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI-LM4819MBD Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
LM4819MM TI-LM4819MM Datasheet
1Mb / 27P
LM4819 350mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4819M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
350mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819 Datasheet
280Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819MX TI-LM4819MX Datasheet
1Mb / 27P
LM4819 350mW Audio Power Amplifier with Shutdown Mode
LM4819 TI1-LM4819_14 Datasheet
1Mb / 28P
350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819 TI-LM4819_15 Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com