Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4832 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4832 Datasheet HTML 8Page - National Semiconductor (TI) LM4832 Datasheet HTML 9Page - National Semiconductor (TI) LM4832 Datasheet HTML 10Page - National Semiconductor (TI) LM4832 Datasheet HTML 11Page - National Semiconductor (TI) LM4832 Datasheet HTML 12Page - National Semiconductor (TI) LM4832 Datasheet HTML 13Page - National Semiconductor (TI) LM4832 Datasheet HTML 14Page - National Semiconductor (TI) LM4832 Datasheet HTML 15Page - National Semiconductor (TI) LM4832 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Truth Tables (Continued)
Right Volume Control
MSB
LSB
Level (dB)
0110000020
0110000118
0
1
1
...
...
...
...
...
...
01111100−38
01111110−40
01111111
Right Channel Mute
Right Volume Control
Power Up State
11111
Right Channel Is Muted
Microphone Input Selection and Gain
MSB
LSB
Function
101X
00Mic Input 1
101X
01Mic Input 2
101X
1X
Mic Input 1 and 2
101X
00
Mic Gain (+0 dB)
101X
01
Mic Gain (+20 dB)
101X
10
Mic Gain (+30 dB)
Mic Input Sel. and
Gain Power Up State
X
1000Mic 1 is selected
with a +30 dB gain
Microphone Volume Control
MSB
LSB
Function
1100000018
1100000115
1
1
0
...
...
...
...
...
...
11010100−42
11010101
Microphone Muted
Mic Volume Control
Power Up State
10101
Microphone Muted
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com