Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4832 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4832
Description  Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4832 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4832 Datasheet HTML 12Page - National Semiconductor (TI) LM4832 Datasheet HTML 13Page - National Semiconductor (TI) LM4832 Datasheet HTML 14Page - National Semiconductor (TI) LM4832 Datasheet HTML 15Page - National Semiconductor (TI) LM4832 Datasheet HTML 16Page - National Semiconductor (TI) LM4832 Datasheet HTML 17Page - National Semiconductor (TI) LM4832 Datasheet HTML 18Page - National Semiconductor (TI) LM4832 Datasheet HTML 19Page - National Semiconductor (TI) LM4832 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information (Continued)
LM4832 SAMPLE LAYOUT
LAYOUT PARTS LIST
Name
Type
Quantity
Capacitors:
C
OUT
1000 µF, elec.,
Digikey #P6205
4
C
MOUT
47 µF, elec., Digikey #P5202
1
C
S
0.33 µF, film, Digikey #P4669
3
C
TONE
8200 pF, ceramic,
Digikey #P4823
4
C
LIN,CMIN,CIN
1 µF, film, Digikey #E1105
6
C
B
0.33 µF, film,
Digikey #EF1334
1
C1
0.1 µF, film, Digikey #EF1104
1
Resistors (all resistors: Digikey #(Value)QBK):
R1
20 k
Ω, 1/4W
1
R2
680 k
Ω, 1/4W
1
R
DATA
1k
Ω, 1/4W
1
R
GND
100
Ω, 1/4W
1
R
PD
100 k
Ω, 1/4W
1
LAYOUT PARTS LIST
Name
Type
Quantity
Connectors:
Banana Jack
Black
Mouser #164-6218
3
Red
Mouser #164-6218
3
RCA Jack
Mouser #16PJ097
7
Stereo
Headphone
Shogyo #JJ-0357-3RT
1
Mono Miniplug
Shogyo #JJ-0357-B
2
36-pin
Centronics
Digikey #1036RF
1
LAYOUT DESCRIPTION
The layout given in the following pages is meant to be con-
nected to a PC by a parallel port (printer) cable. The board is
controlled by software for a Windows PC. The parallel cable
must be the standard type used for hooking up a printer to a
PC: one end is a DB-25 connector andthe other is a 36 pin
Centronics connector.
Banana connections are provided for V
DD, ground, and am-
plifier outputs. Amplifier outputs are also routed to a stereo
headphone jack. RCA connections are provided for amplifier
inputs, loop in, loop out, and microphone out. Mono mini-
plug connectors are provided for microphone inputs.
If required, microphones can be biased using the resistors
R
MIC1 and RMIC2.
This layout is set up to allow the use of the internal tone-
control circuitry or the external loop. The jumper next to each
C
LIN capacitor controls which route the signal should take.
DS100014-31
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com