Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC32AL-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC32AL-P14-R
Description  QUAD 2-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC32AL-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC32AL-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC32A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-519.a
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(1)
MAX
UNIT
IOH = -100 μA, VCC = 1.65V to 3.6V VCC -0.2
IOH = -4 mA, VCC = 1.65V
1.2
IOH = -8 mA, VCC = 2.3V
1.7
IOH = -12 mA, VCC = 2.7V
2.2
IOH = -12 mA, VCC = 3V
2.4
High-Level Output Voltage
VOH
IOH = -24 mA, VCC = 3V
2.2
V
IOL = 100 μA, VCC = 1.65V to 3.6V
0.2
IOL = 4 mA, VCC = 1.65V
0.45
IOL = 8 mA, VCC = 2.3V
0.7
IOL = 12 mA, VCC = 2.7V
0.4
Low-Level Output Voltage
VOL
IOL = 24 mA, VCC = 3V
0.55
V
Input Leakage Current
II(LEAK)
VIN = 5.5V or GND, VCC = 0 to 3.6V
±5
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0
10
μA
Additional quiescent Supply
Current
Δ ICC
One input at VCC – 0.6V; other
inputs at VCC or GND
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=3.3V
5
pF
Note: 1. All typical values are at VCC = 3.3 V, TA = 25 °C.
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=1.8V±0.15V, CL=30pF, RL=1KΩ
1
8.7
VCC=2.5±0.2V, CL=30pF, RL=500Ω
1
5.4
VCC=2.7V, CL=50pF, RL=500Ω
4.4
Propagation delay from input
(A or B) to output (Y)
tPLH/tPHL
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
3.8
ns
Skew between any two outputs
of the same package switching
in the same direction
tsk(o)
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC = 1.8V, f=10MHz
7.5
VCC = 2.5V, f=10MHz
10.6
Power dissipation capacitance
per gate
Cpd
VCC = 3.3V, f=10MHz
12.5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com