Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC32AL-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC32AL-P14-R
Description  QUAD 2-INPUT POSITIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC32AL-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC32AL-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC32AL-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC32A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-519.a
TEST CIRCUIT AND WAVEFORMS
VLOAD
Open
GND
From output
C L
R L
R L
TEST CIRCUIT
S1
TEST
S1
tPLH/tPHL
Open
Inputs
VCC
VIN
tr, tf
VM
VLOAD
CL
RL
1.8V±0.15V
VCC
≤2ns
VCC/2
2*VCC
30pF
1KΩ
2.5V±0.2V
VCC
≤2ns
VCC/2
2*VCC
30pF
500Ω
2.7V
VCC
≤2.5ns
1.5V
6V
50pF
500Ω
3.3V±0.3V
VCC
≤2.5ns
1.5V
6V
50pF
500Ω
VM
VM
VM
VM
VIN
0V
VOH
VOL
Propagation delay times
Inverting and noninverting outputs
Input
Output
tPLH
tPHL
tPLH
tPHL
VOH
VOL
Output
VM
VM
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com