Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3144G-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U3144G-AB3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3144G-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U3144G-AB3-R Datasheet HTML 1Page - Unisonic Technologies U3144G-AB3-R Datasheet HTML 2Page - Unisonic Technologies U3144G-AB3-R Datasheet HTML 3Page - Unisonic Technologies U3144G-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U3144
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R118-026 .a
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
28
V
Reverse Battery Voltage
VRCC
-35
V
Magnetic Flux Density
B
Unlimited
Output OFF Voltage
VOUT
28
V
Reverse Output Voltage
VOUT
-0.5
V
Continuous Output Current
IOUT
25
mA
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range,
TSTG
-65 ~ +170
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL RESISTANCES CHARACTERISTICS (VCC=8 V over operating temperature range)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Supply Voltage
VCC
Operating
4.5
24
V
Output Saturation Voltage
VOUT(SAT) IOUT=20mA, B>BOP
175
400
mV
Output Leakage Current
IOFF
VOUT=24V, B<BRP
<1.0
10
µA
Supply Current
ICC
B<BRP(Output OFF)
4.4
9.0
mA
Output Rise Time
tr
RL=820Ω, CL=20pF
0.04
2.0
µs
Output Fall Time
tf
RL= 820Ω, CL=20pF
0.18
2.0
µs
MAGNETIC CHARACTERISTICS IN GAUSS OVER OPERATING SUPPLY VOLTAGE RANGE
(TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Operate Point
BOP
70
350
G
Release Point
BRP
50
330
G
Hysteresis
Bhys
25
G
Notes: 1. Typical values are at TA=+25°C and VCC=8 V
2. BOP=operate point (output turns ON); BRP=release point (output turns OFF); Bhys=hysteresis (BOP-BRP)
3. 1 gauss (G) is exactly equal to 0.1 millitesla (mT)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com