Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3144G-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U3144G-AB3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3144G-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U3144G-AB3-R Datasheet HTML 1Page - Unisonic Technologies U3144G-AB3-R Datasheet HTML 2Page - Unisonic Technologies U3144G-AB3-R Datasheet HTML 3Page - Unisonic Technologies U3144G-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U3144
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R118-026 .a
SENSITIVE HALL-EFFECT
SWITCHES FOR
HIGH-TEMPERATURE
OPERATION
DESCRIPTION
UTC U3144 is a semiconductor integrated circuit utilizing the
Hall effect. It has been so designed as to operate in the alternating
magnetic field especially at low supply voltage and operation over
extended temperature ranges to +85°С.This Hall IC is suitable for
application to various kinds of sensors, contact-less switches, and
the like.
FEATURES
* Wide temperature operation range of -20°С ~ +85°С
* Wide supply voltage range of 4.5V to 24V
* TTL and MOS IC are directly drivable by the output
* Reverse Battery Protection
* Activate with Small, Commercially Available Permanent Magnets
* Solid-State Reliability
* SOT-89 package
* Resistant to Physical Stress
SOT-89
1
ORDERING INFORMATION
Ordering Number
Package
Packing
U3144G-AB3-R
SOT-89
Tape Reel
MARKING


Similar Part No. - U3144G-AB3-R

ManufacturerPart #DatasheetDescription
logo
C&K Components
U31 CK-COMPONENTS-U31 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
TE Connectivity Ltd
U31-26C493C124 TEC-U31-26C493C124 Datasheet
145Kb / 2P
THIS SPECIFICATION SHEET FORMS A PART OF THE LATEST ISSUE OF RAYCHEM SPECIFICATION 1200.
6/14/2021
logo
Fairchild Semiconductor
U310 FAIRCHILD-U310 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Calogic, LLC
U310 CALOGIC-U310 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
U310 LINEAR-U310 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
More results

Similar Description - U3144G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com