Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3869G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3869G-S08-R
Description  High voltage startup
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3869G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3869G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UC3869
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R103-110.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VDD DC Supply Voltage
35
V
High-Voltage Pin, HV
-0.3 ~ 500
V
VDD Zener Clamp Voltage (Note 1)
VDD_Clamp+0.1
V
VDD DC Clamp Current
10
mA
FB Input Voltage
-0.3 ~ 7
V
CS Input Voltage
-0.3 ~ 7
V
RT Input Voltage
-0.3 ~ 7
V
Operating Junction Temperature
TJ
-40 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +160
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITION
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Supply Voltage
VDD
10 ~ 24
V
Operating Ambient Temperature
TA
-20 ~ +85
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C, VDD=15V, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Supply Current from HV Pin
IHV
VDD=2V, HV=100V
0.75
mA
HV Pin Leakage Current After
Startup
Leakage
VDD=15V, HV=500V
10
μA
Supply Voltage (VDD)
VDD Start up Current
Istartup
VDD=UVLO(OFF)-1V, Measure
Leakage Current into VDD
2
15
μA
Operation Current
I_VDD_Operation
VFB=3V
0.8
1.8
mA
Start Threshold Voltage
VTHD(ON)
17
19
21
V
Min. Operating Voltage
VDD(MIN)
6
7
8
V
VCC Zener Clamp Voltage
VDD_clamp
IVDD=20mA
31
33
35
V
Over Voltage Protection
Voltage
OVP(ON)
FB=4V Ramp up VDD Until
Gate Clock is Off
25
27
29
V
Feedback Input Section(FB Pin)
VFB Open Loop Voltage
VFB_Open
5.4
V
PWM Input Gain ∆VFB / ∆VCS
AVCS
3
V/V
Max Duty Cycle
Maximum Duty
Cycle
VFB=3.5V, VSENSE=0
70
78
90
%
Burst-Mode Out FB Voltage
VFB(OUT)
VSENSE =0
1.5
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
1.35
V
FB Pin Short Circuit Current
IFB_Short
Short FB Pin to GND
and Measure Current
240
μA
Power Limiting FB Threshold
Voltage
VTH_PL
4.2
V
Power Limiting Debounce Time
TD_PL
60
88
120
mS
OTP Threshold
T(THR)
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com