Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3869G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3869G-S08-R
Description  High voltage startup
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3869G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3869G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3869G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3869
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-110.c
HIGH VOLTAGE GREEN MODE
PWM CONTROLLER
DESCRIPTION
The UTC UC3869 is a highly integrated current mode PWM
control IC with high voltage start up, optimized for high
performance, low standby power consumption and cost effective
offline flyback converter applications.
PWM switching frequency at normal operation is internally fixed
and is trimmed to a tight range. At no load condition, the IC
operates in power-saving mode for lower standby power,
decreasing frequency for Higher conversion efficiency at light load
condition. The internal slope compensation improves system
stability at high PWM duty cycle output. Leading-edge blanking on
current sense input removes the signal glitch, which offering
minimal external component count in the design.
The UTC UC3869 offers complete protection coverage
including Cycle-by-Cycle current limiting (OCP), VDD under voltage
lockout (UVLO), over load protection (OLP), over temperature
protection (OTP), and over voltage protection (OVP). Excellent EMI
performance is achieved with UTC proprietary frequency hopping
technique (ZL201020615247.1) together with soft driver control.
Audio noise is eliminated due to switch frequency more than 20kHz
during operation. The tone energy at below 22KHZ is minimized to
avoid audio noise during operation.
FEATURES
* High voltage startup
* Power on soft start reducing MOSFET Vds stress
* Efficiency and minimum standby power
* Frequency shuffling for EMI
* Audio noise free operation
* Fixed 65KHZ switching frequency
* Comprehensive protection coverage
VDD Under Voltage Lockout with Hysteresis (UVLO)
Cycle-by-cycle over current protection (OCP)
Overload Protection (OLP)
External programmable Over Temperature Protection (OTP)
VDD Over voltage Protection(OVP)


Similar Part No. - UC3869G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
UC3869AG-D08-T UTC-UC3869AG-D08-T Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
UC3869AG-S08-R UTC-UC3869AG-S08-R Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
UC3869AL-D08-T UTC-UC3869AL-D08-T Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
More results

Similar Description - UC3869G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2960 TI-UCC2960 Datasheet
190Kb / 12P
PRIMARY-SLIDE STARTUP CONTROLLER
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
High-Voltage Startup, Quasi-Resonant Operation
logo
ACE Technology Co., LTD...
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
217Kb / 6P
Programmable soft-start provides linear voltage startup
logo
STMicroelectronics
L6564H STMICROELECTRONICS-L6564H Datasheet
1Mb / 35P
High voltage startup transition-mode PFC
07-Jun-2012
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
Pre-bias startup
logo
Texas Instruments
UCC256302 TI1-UCC256302 Datasheet
1Mb / 66P
LLC Resonant Controller with High Voltage Startup Enabling Low Standby Power
logo
Delta Electronics, Inc.
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
Pre-bias startup
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com